PART |
Description |
Maker |
1SMC8.0A 1SMC8.5A 1SMC60A 1SMC6.5A 1SMC16A 1SMC7.0 |
UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.0V,单向玻璃钝化节点瞬变电压抑制 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Uni-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电7.0V,单向玻璃钝化节点瞬变电压抑制 PTSA 1.5/10-3.5-Z UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS/ 5.0 THRU 170 VOLTS
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
TO-220 CR1553AB CR2103AB CR6002AC CR2202AB CR3403A |
Bi-directional Glass passivated junction 双向玻璃钝化交界
|
Littelfuse, Inc.
|
T10A120T T10A130B T10A200T T10A240T T10A270B |
T10A series SiBOD, glass passivated junction, bi-directional device for telephone and line card protection. Irm = 2uA @ Vrm = 108V,max. Ir = 50uA @ Vr = 120V,max, Tape and reeled (1500pcs). T10A series SiBOD, glass passivated junction, bi-directional device for telephone and line card protection. Irm = 2uA @ Vrm = 117V,max. Ir = 50uA @ Vr = 130V,max, Bulk (500pcs). T10A series SiBOD, glass passivated junction, bi-directional device for telephone and line card protection. Irm = 2uA @ Vrm = 180V,max. Ir = 50uA @ Vr = 200V,max, Tape and reeled (1500pcs). T10A series SiBOD, glass passivated junction, bi-directional device for telephone and line card protection. Irm = 2uA @ Vrm = 216V,max. Ir = 50uA @ Vr = 240V,max, Tape and reeled (1500pcs). T10A series SiBOD, glass passivated junction, bi-directional device for telephone and line card protection. Irm = 2uA @ Vrm = 243V,max. Ir = 50uA @ Vr = 270V,max, Bulk (500pcs).
|
Littelfuse
|
1.5SMC36A 1.5SMC6.8A 1.5SMC7.5A 1.5SMC8.2A 1.5SMC1 |
UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS 6.8 THRU 200 VOLTS
|
Central Semiconductor
|
1.5SMC170A 1.5SMC130A 1.5SMC220A 1.5SMC62A 1.5SMC9 |
SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
|
Central Semiconductor Corp Central Semiconductor C...
|
3SMC51CA 3SMC48CA 3SMC110CA 3SMC70CA 3SMC160CA 3SM |
SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS 5.0 THRU 170 VOLTS SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
P6SMB68A P6SMB43A P6SMB9.1A P6SMB150A P6SMB220A P6 |
SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
|
Central Semiconductor Corp http:// Central Semiconductor C...
|
87310B 87300C 87300D 87301B 87300B 87301D 87301C 8 |
87310B Coaxial Hybrid Coupler, 90 Degree, 1 GHz to 18 GHz 87300C Coaxial Directional Coupler, 1 GHz to 26.5 GHz 87300D Coaxial Directional Coupler, 6 to 26.5 GHz 87301B Coaxial Directional Coupler, 10 to 46 GHz 87300B Coaxial Directional Coupler, 1 GHz to 20 GHz 87301D Coaxial Directional Coupler, 1 GHz to 40 GHz 87301C Coaxial Directional Coupler, 10 to 50 GHz 87301E Coaxial Directional Coupler, 2 GHz to 50 GHz
|
Agilent (Hewlett-Packard)
|
P6SMB39CA P6SMB30CA P6SMB6.8CA P6SMB6.8CA10 P6SMB8 |
SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS
|
Central Semiconductor Corp http:// Central Semiconductor C...
|
C4SMAFL60A C4SMAFL9.0A C4SMAFL90A C4SMAFL18A C4SMA |
SURFACE MOUNT SILICON UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS 400 WATTS, 8.5 THRU 170 VOLTS GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
|
Central Semiconductor Corp Central Semiconductor C...
|